Part Number Hot Search : 
20M16 GBPC1508 AS324G MCT210M M2500 S25C64 JANTX2N TNY176
Product Description
Full Text Search

LS74-471-RM - Surface Mount Power Inductors

LS74-471-RM_3376478.PDF Datasheet


 Full text search : Surface Mount Power Inductors


 Related Part Number
PART Description Maker
CM453232-390JL CM453232-R15KL CM453232-4R7JL CM252 Unshielded Surface Mount Inductors 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 0.15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
SMT Chip Inductors 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 0.12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Unshielded Surface Mount Inductors 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
Inductor; Inductor Type:Standard; Inductance:560uH; Inductance Tolerance: 5 %; Current Rating:50A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
Bourns, Inc.
BOURNS INC
8405-15G 8405-100 8405-101 8405-102 8405-10G 8405- Inductors Surface Mount Drum Core Power Inductors
FILTRAN[Filtran LTD]
LS5022-681-RM LS5022 LS5022-100-RM LS5022-101-RM L Surface Mount Power Inductors
ICE[ice Components, Ins.]
LS6D28-271-RN LS6D28-471-RN Surface Mount Power Inductors
http://
LO3308-471-RM Surface Mount Power Inductors
http://
LS4D18-8R2-RN LS4D18 LS4D18-100-RN LS4D18-101-RN L Surface Mount Power Inductors
ICE[ice Components, Ins.]
EPA3981 Surface Mount Power Inductors
PCA ELECTRONICS INC.
LS74-471-RM LS74-271-RM LS74-821-RM Surface Mount Power Inductors
http://
LS6D28-8R6-RN LS6D25-681-RN LS6D28 LS6D28-100-RN L Surface Mount Power Inductors
ICE[ice Components, Ins.]
27103C 27104C 27105C KMP-2700 Surface Mount Power Inductors
Murata Manufacturing Co., Ltd.
 
 Related keyword From Full Text Search System
LS74-471-RM speed LS74-471-RM Bipolar LS74-471-RM where to buy LS74-471-RM Nation LS74-471-RM MARKING
LS74-471-RM Microelectronic LS74-471-RM Switch LS74-471-RM 21 ic on line LS74-471-RM where to buy LS74-471-RM Specification of
 

 

Price & Availability of LS74-471-RM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.41477203369141